Part Number Hot Search : 
1N4798 MIC70506 4951A AP1038 8002G BCW30 F130452 97A37
Product Description
Full Text Search
 

To Download JF15SP1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultra-Thin Process Sealed Tactiles
Series JF
Distinctive Characteristics
Extremely low profile of 5mm from PCB to top of switch. Rubber seal construction prevents contact contamination and allows automated soldering and cleaning. Minimal operating force and short stroke permit light touch operation. Dome contact gives crisp tactile and audible feedback to positively indicate circuit transfer and assures high reliability and long life. Wide choice of body shapes and colors. Crimped terminals provide a spring type action to ensure secure mounting and prevent dislodging during wave soldering. Space saving body dimensions provide for compact, side-by-side mounting on a standard grid. Terminal spacing conforms to standard .100" (2.54mm) PCB grid. Actual Size
KEYBOARD MATRIX
Common Bus Matrix
5 1 2 9 3 13
X-Y Matrix
1 2 3 1 4 5 6 2 7 8
4 4 7 3
5
6
6 11 8 12
8
9
9 6
A 1 2
0
B
A
0
B 7
= ON
5 4 3
7
Blue = PCB Trace, Black = Switch Circuit These single pole, single throw switches can be used in a keyboard matrix, and, using strapped terminals, achieve a common bus electrical configuration on a single-sided PC board.
Blue = PCB Trace, Black = Switch Circuit These single pole, single throw switches can be arranged on a single-sided PC board matrix with strapped terminals to achieve an X-Y type electrical interconnection.
03-07
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
Keys (Switches)
10
1 2 3 4 5 6 7 8 9 0 A B
P C Te r m i n a t i o n s 1 2 3 4 5 6 7 8 9 10 11 12 13
P C Termi nat ions 1 234 567 1 2 3 4 5 6 7 8 9 0 A B = ON
Keys (Switches)
Ultra-Thin Process Sealed Tactiles
Series JF
General Specifications
Electrical Capacity (Resistive Load)
Low Level: 50mA @ 24V DC
Other Ratings
Contact Resistance: Insulation Resistance: Dielectric Strength: Mechanical Life: Electrical Life: Nominal Operating Force:
Total Travel:
50 milliohms maximum 500 megohms minimum @ 250V DC 250V AC minimum for 1 minute minimum 500,000 operations minimum 500,000 operations minimum 1.96N for sculptured actuator 2.0N for piano actuator 3.0N for square & round flush actuators Flush Actuators .016" (0.4mm) Sculptured & Piano Actuators .031" (0.8mm)
Materials & Finishes
Actuator: Case: Seal: Base: Movable Contact: Stationary Contacts: Terminals:
Polyamide Glass fiber reinforced polyamide Nitrile butadiene rubber Glass fiber reinforced polyester Phosphor bronze with silver plating Brass with silver plating Brass with silver plating
Environmental Data
Operating Temperature Range: Humidity: Vibration: Shock:
-25C through +85C (-13F through +185F) 90 ~ 95% humidity for 96 hours @ 40C (104F) 10 ~ 55Hz with peak-to-peak amplitude of 1.5mm traversing the frequency range & returning in 1 minute; 3 right angled directions for 2 hours 50G (490m/s2) acceleration (tested in 6 right angled directions, with 5 shocks in each direction)
PCB Processing
Soldering: Cleaning:
Wave Soldering Recommended. See Profile A in Supplement section. Manual Soldering: See Profile A in Supplement section. Automated cleaning. See Cleaning specifications in Supplement section.
Standards & Certifications
UL Recognition or CSA Certification:
The JF Series tactiles have not been tested for UL recognition or CSA certification. These switches are designed for use in a low-voltage, low-current, logic-level circuit. When used as intended in a logic-level circuit, the results do not produce hazardous energy.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Thin Process Sealed Tactiles
TYPICAL SWITCH ORDERING EXAMPLE
Series JF
JF
POLE & CIRCUIT
15 SPST OFF (ON)
15
S
TERMINALS
P Straight PC
P
2
C
ACTUATOR COLORS
C D F G Red Orange Green Blue Gray
( ) = Momentary
HOUSING SHAPES
C S Round (with round actuator only) Square 1 2 3 4
ACTUATOR TYPES
Square Round Sculptured Piano
H
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
JF15SP2C
Square Housing with Round Red Actuator SPST OFF-(ON) Circuit
Straight PC Terminals
POLE & CIRCUIT
Actuator Position ( ) = Momentary Normal Pole SP Model JF15 OFF (ON) Down
1 3 4
Switch Throw & Schematic
SPST
2
Note: Terminal numbers are shown on the switch.
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
03-07
Ultra-Thin Process Sealed Tactiles
HOUSING SHAPES & ACTUATOR TYPES C
Round Housing
Series JF
S
Square Housing
2
Round Actuator
1
Square Actuator
2
Round Actuator
3
Sculptured Actuator
4
Piano Actuator
Actuator Colors Available:
C
Red
D
Orange
F
Green
G Blue
H
Gray
Housing is Black
TERMINALS & PANEL DESIGN P
Straight PC Additional details in Typical Switch Dimensions
3 1
Versatile panel arrangements can be made to fit individual design needs.
(12.7) .500 (17.78) .700
4
2
(10.16) .400
(1.0) Dia Typ .039
(5.08) .200 (3.6) .142 (17.78) Typ .700
TYPICAL SWITCH DIMENSIONS
Round Actuator
(3.0) .118
3 4 1
(16.4) Dia .646
(12.7) .500
2
(14.0) Dia .551 (17.7) Dia .697
(0.3) .012 (8.68) .342
(0.3) Typ .012 (3.6) .142
(10.16) .400
(0.8) Typ .031
JF15CP2C NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07
Ultra-Thin Process Sealed Tactiles
TYPICAL SWITCH DIMENSIONS
Square Actuator
(3.0) .118
Series JF
(16.4) Sq .646
(12.7) .500
2 4
(14.0) Sq .551 (17.7) Sq .697
(0.3) .012 (8.68) .342
(0.3) Typ .012 (3.6) .142
(10.16) .400
JF15SP1C
Round Actuator
(3.0) .118
3 4 1
(16.4) Sq .646
(12.7) .500
2
(14.0) Dia .551 (17.7) Sq .697
(0.3) .012 (8.68) .342
(0.3) Typ .012 (3.6) .142
(10.16) .400
JF15SP2C
Sculptured Actuator
(3.0) .118
3 1
(16.4) Sq .646
(12.7) .500
2 4
(14.0) Sq .551 (17.7) Sq .697
(0.3) .012 (1.7) .067 (8.68) .342
(0.3) Typ .012 (3.6) .142
3
1
(0.8) Typ .031
(0.8) Typ .031
(10.16) .400
(0.8) Typ .031
JF15SP3C
Piano Actuator
(3.0) .118
3 1
(16.4) Sq .646
(12.7) .500
2 4
(14.0) Sq .551 (17.7) Sq .697
(0.3) .012 (1.9) .075 (8.68) .342
(0.3) Typ .012 (3.6) .142
(10.16) .400
(0.8) Typ .031
JF15SP4C NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com 03-07
Ultra-Thin Process Sealed Tactiles
LEGENDS
Series JF
Easily create and submit your own legends using our new on-line Legend Maker. Visit www.nkkswitches.com
For other legend support options, customers may either contact the factory and request the JF Legend Packet, or utilize the general information and basic specifications presented below.
LM
Shaded Areas are Printable Areas
NKK Switches * email: sales@nkkswitches.com * Phone (480) 991-0942 * Fax (480) 998-1435 * www.nkkswitches.com
U P
(12.48) Dia .491 (14.0) Dia .551 (0.76) Typ .030
FA
O N
(12.48) Dia .491 (14.0) Dia .551 (0.76) Typ .030
N
(12.48) Sq .491 (14.0) Sq .551 (0.76) Typ .030
N RU
Recommended Print Methods: Screen Print or Pad Print. Epoxy based ink is recommended.
Contact factory if engraving is required; it must be done before the actuator is assembled.
A ST T R
(1.52) Typ .060 (8.03) .316 (4.98) .196 (9.6) .378 (11.13) .438 (0.76) Typ .030
(12.48) Sq .491 (14.0) Sq .551
(0.76) Typ .030
Additional Method Engraving is not recommended as an additional method for legends.
03-07


▲Up To Search▲   

 
Price & Availability of JF15SP1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X